Part Number Hot Search : 
PO0R4 150K0 AS7C3 MBM75F12 KAMN3012 01901 74HC191 38ECP
Product Description
Full Text Search
 

To Download BUZ12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 12
Not for new design
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 12
VDS
50 V
ID
42 A
RDS(on)
0.028
Package TO-220 AB
Ordering Code C67078-S1331-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 42 Unit A
ID IDpuls
168
TC = 65 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
42 2.5 mJ
ID = 42 A, VDD = 25 V, RGS = 25 L = 23.2 H, Tj = 25 C
Gate source voltage Power dissipation 41
VGS Ptot
20 125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1 75 E 55 / 150 / 56
C K/W
Semiconductor Group
07/96
BUZ 12
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 3 0.1 10 10 0.024 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.028
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 32 A
Semiconductor Group
2
07/96
BUZ 12
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
12 23 1700 800 280 -
S pF 2300 1200 420 ns 35 50
VDS 2 * ID * RDS(on)max, ID = 32 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
85 130
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
220 280
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
140 180
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 12
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 1.8 80 0.14 42 168 V 2.2 ns C Values typ. max. Unit
TC = 25 C
Inverse diode direct current,pulsed
ISM
-
TC = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 84 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 12
Not for new design
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
45 A
130 W 110
Ptot
100 90 80 70 60 50
ID
35 30 25 20 15
40 30 20 10 0 0 20 40 60 80 100 120 C 160 0 0 20 40 60 80 100 120 C 160 10 5
TC
TC
Safe operating area ID = (VDS) parameter: D = 0, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1 K/W
A
10 0
ID
10 2
) on S( D R
/ID =
t = 47.0s p
100 s
ZthJC
10 -1
VD
S
1 ms
10 -2 D = 0.50 0.20
10
1
10 ms
10
-3
0.10 0.05
10 -4 DC 10 0 0 10 10 -5 -7 10
single pulse
0.02 0.01
10
1
V 10
2
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 12
Not for new design
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
100 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.09
Ptot = 125W
l kj i ha
b
VGS [V]
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
a
b
c
d
e
f
g
ID
80 70 60 50
e
RDS (on)0.07
0.06 0.05 0.04 0.03 0.02 0.01 0.00
VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
g
c d e
ff
g h i j
40 30 20 10 0 0.0 1.0 2.0 3.0 4.0
a c
h i j k
dk
l
b
V
6.0
0
10
20
30
40
50
60
70
A
90
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
60 A 50
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
30 S
ID
45 40 35 30 25 20 15 10
gfs
24 22 20 18 16 14 12 10 8 6 4
5 0 0 1 2 3 4 5 6 7 8 V VGS 10
2 0 0 10 20 30 40 50 A ID 65
Semiconductor Group
6
07/96
BUZ 12
Not for new design
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 32 A, VGS = 10 V
0.070
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.060
98%
RDS (on) 0.055
0.050 0.045 0.040 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0.000 -60 -20 20 60 100 C 160
VGS(th)
3.6 3.2 2.8
typ
98% typ
2.4 2.0 1.6 1.2 0.8 0.4 0.0 -60 -20 20
2%
60
100
C
160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
nF C
A
Ciss
10 0
IF
10 2
Coss
Crss
10 -1 10 1
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0 10 0 0.0
5
10
15
20
25
30
V VDS
40
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 12
Not for new design
Avalanche energy EAS = (Tj ) parameter: ID = 42 A, VDD = 25 V RGS = 25 , L = 23.2 H
45 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 63 A
16
V
EAS
35 30
VGS
12 0,2 VDS max 0,8 VDS max
10 25 8 20 6 15 10 5 0 20 40 60 80 100 120 C 160 4
2 0 0 10 20 30 40 50 60 70 80 nC 100
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
60 V
V(BR)DSS 57
56 55 54 53 52 51 50 49 48 47 46 45 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 12
Not for new design
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X